|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HVR230 - HVR250 PRV : 3000 - 5000 Volts Io : 0.5 ~ 1.0 Amp FEATURES : * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop HIGH VOLTAGE RECTIFIER DIODES D2 0.161 (4.1) 0.154 (3.9) 1.00 (25.4) MIN. 0.284 (7.2) 0.268 (6.8) * Pb / RoHS Free MECHANICAL DATA : * Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram 0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN. Dimensions in inches and ( millimeters ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Ta = 50C SYMBOL VRRM VRMS VDC IF(AV) IFSM HVR230 3000 2100 3000 1.0 50 HVR250 5000 3500 5000 0.5 UNIT V V V A A Maximum Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Junction Temperature Range Storage Temperature Range Tj = 25C Tj = 100C VF IR IR(H) TJ TSTG 3.0 5.0 100 - 40 to + 150 - 40 to + 150 5.0 V A A C C Page 1 of 2 Rev. 02 : March 24, 2005 RATING AND CHARACTERISTIC CURVES ( HVR230 - HVR250 ) FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 1.0 FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 50 AVERAGE FORWARD OUTPUT CURRENT, AMPERES 0.8 PEAK FORWARD SURGE CURRENT, AMPERES 125 150 175 HVR230 40 0.6 HVR250 30 0.4 20 0.2 10 0 0 25 50 75 100 0 1 2 4 6 10 20 40 60 100 AMBIENT TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL FORWARD CHARACTERISTICS 10 HVR230 FIG.4 - TYPICAL REVERSE CHARACTERISTICS FORWARD CURRENT, AMPERES 10 TJ = 100 C HVR250 REVERSE CURRENT, MICROAMPERES 1 1.0 0.1 Pulse Width = 300 s 1% Duty Cycle TJ = 25 C 0.01 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 0.1 TJ = 25 C 0.01 0 20 40 60 80 100 120 140 FORWARD VOLTAGE, VOLTS PERCENT OF RATED REVERSE VOLTAGE, (%) Page 2 of 2 Rev. 02 : March 24, 2005 |
Price & Availability of HVR230 |